Part Number Hot Search : 
FLZ2V2B TTA250 RF220K 12C20A 143TU 74AC00B JE171G MBR3045C
Product Description
Full Text Search
 

To Download SSAC120200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  other use type small size general use type big size general use type 150 detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products product line 2 2 3 1 2 poles positions drawing no. horizontal non shorting not specified 4.4 actuator direction changeover timing actuator length  mm  1.5 travel  mm  press-in mounting method manual, dip soldering 8,000 minimum order unit  pcs.  product no. ssac120100 SSAC120200 1. products other than those listed in the above chart are also available. please contact us for details. 2. please place purchase orders per minimum order unit(integer). notes 1.5mm-travel horizontal type with external type knob. 1.5mm-travel, with external knob type ssac series slide switch typical specifications items rating  max.    min.   resistive load  1ma 5v dc/50 b a 3v dc 100m 
max./200m 
max. 2-positions 10,000cycles 10,000cycles  1ma 5v dc  contact resistance  initial performance/after lifetime  operating force operating life without load with load specifications 2.5 ? 1.5n 3-positions a, c  b 2 ? 1.5n b  a, c 2.5 ? 1.5n
other use type small size general use type big size general use type 151 detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products 8-?.6 holes 2-?.1 holes 3 1.5 1.5 2 10.6 9.5 1.5 2.5 travel 7 pc board mounting face terminal no. 1 9.1 1.5 1.5 0.3 0.3 2.1 2.4 3 5.2 7.15 5.5 3 a 5 1.8 max. 0.2 max. 2 3 0.3 1.03 0.6 min. travel pc board mounting face terminal no. 1 3 3 0.2 max. 2.5 5.2 2.4 2.1 2 3 0.3 1.03 5.5 3 0.3 0.3 1.5 1.5 10.6 10 5 a 1.5 1.5 a b c 11 1.8 max. 0.6 min. 7.15 1 2-poles, 2-positions 2 2-poles, 3-positions unit:mm dimensions style no. pc board mounting hole dimensions  viewed from the direction a  circuit diagram  viewed from direction a  c c 123 456 2-poles, 2-positions c c 1234 5678 2-poles, 3-positions 6-?.6 holes 1.5 1.5 2 2-?.1 holes 9.1 1.5mm-travel, with external knob type ssac series slide switch
111 other use type small size general use type big size general use type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products ssah list of varieties series photo outline specificat ions travel  mm  actuator direction number of poles dimensions  mm  poles-positions page w 29 9 12 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 143 d h 1-2 1-3 1-4 2-3 4-2 sssb sssf sssu ssss2 ssss7 ssss8 ssss9 ssaa ssab ssag ssac ssst 4 vertical horizontal 2 4 16.5 7 8.5 135 1 2 4 24.5 139 3 13 3.5 126 2 1 2 8.8 3 2 123 horizontal 11.2 2.6 1.4 119 1.5 2 vertical horizontal 14 4.7 5 5 130 2 12.4 6 147 horizontal 152 112 9.5 5.5 5.2 150 1.5 9 4.2 8.5 vertical horizontal 1 1.9 2 2 13 4.3 3.5 146 vertical 1 9.05 1.15 ? ? ? ? ? ? ? ? ? ? 2-2 2-4 ? ? ssad 6.7 3.2 0.7 9.5 3 0.9 117 115 1.5 horizontal 1 ? 4mjef4xjudift4pmefsjoh$poejujpot ???????????????????????????? ????? ? 4mjef4xjudift$bvujpot ???????????????????????????????????????  1 2 rating  max.    min.   resistive load  1ma 5v dc 0.3a 4v dc 0.1a 30v dc 0.3a 6v dc 0.1a 12v dc 0.3a 30v dc 0.1a 12v dc 0.1a 30v dc 1ma 5v dc 0.1a 12v dc 300 ? 10 ? 5s max. 350 ? 10 ? 5s max. 350 ? 10 ? 4s max. 260 ? 5 ? 3s max. 300 ? 5 ? 5s max. 350 ? 5 ? 3s max. please see p.154 manual soldering dip soldering reflow soldering soldering 350 ? 10 ? 3  1 s 0 260 ? 5 ? 10 ? 1s 300 ? 10 ? t 260 ? 10 ? 5 ? 1s 260 ? 10 ? 10 ? 1s 260 ? 5 ? 10 ? 1s 300 ? 10 ? 3  1 s 0 260 ? 5 ? 5 0 s ? 350 ? 10 ? 3s max. 350 ? 10 ? 3  1 s 0 30m 
max. 10n ?0 ? to  60 ? ?0 ? to  85 ? ?0 ? to  60 ? 100m 
max. 200m 
max. 100m 
min. 100v dc 100v ac for 1minute 3n for 1minute 25m 
max. 70m 
max. 100m 
min . 500v dc 500v ac for 1minute 5n for 1minute 30n 20n 10n 30n static force 10n static force 5n 10n ?0 ? 2 ? for 96h 85 ? 2 ? for 96h 40 ? 2 ? , 90 to 95%rh for 96h 50n 70m 
max. 20m 
max. 100m 
min. 100v dc 100m 
min. 500v dc 100v ac for 1minute 500v ac for 1minute 5n for 1minute 10n 20n 3n for 1minute 10n 5n 30n 40n ?0 ? 2 ? for 96h 30m 
max. 100m 
max. 25m 
max. t the operating temperature range for automotive applications can be raised upon request. please contact us for requirements of this kind. note operating temperature range electrical performance mechanical performance durability environmental performance initial contact resistance insulation resistance voltage proof robustness of terminal operating direction pulling direction 10,000cycles 300m 
max. 10,000cycles 500m 
max. operating life without load 10,000cycles 100m 
max. t 2 10,000cycles 200m 
max. 10,000cycles 130m 
max. t 2 10,000cycles 60m 
max. 10,000cycles 80m 
max. 10,000cycles 45m 
max. 10,000 cycles 65m 
max. 10,000cycles 40m 
max. 5,000cycles 60m 
max. 10,000cycles 100m 
max. 10,000cycles 130m 
max. 10,000cycles 45m 
max. 10,000cycles 65m 
max. 10,000cycles 200m 
max. 1,000cycles 60m 
max. 10,000cycles 80m 
max. operating life without load load:as rating cold dry heat damp heat robustness of actuator t ttt t 10ma 5v dc 50 b a 3v dc slide switches 260 ? 5 ? 3 ? 1s 260 ? 5 ? 5 0 s ?


▲Up To Search▲   

 
Price & Availability of SSAC120200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X